Part Number Hot Search : 
OM350 SPLCGXX UPD61151 TW5N06FZ PAN3501 22041 3KP190 R856G
Product Description
Full Text Search
 

To Download DTA123JCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features x epitaxial planar die construction x complementary npn types available x built-in biasing resistors absolute maximum ratings @ 25 : symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -5 --- +12 v p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  i o 100 i c(max) output current 100 ma electrical characteristics @ 25 : symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100 - a) (v o =0.3v, i o =5ma) 1.1 --- -- - v v o(on) output voltage (i o =5ma,i i =0.25ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 3.6 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 - a g i dc current gain (v o =5v, i o =10ma) 80 --- --- r 1 input resistance 1.54 2.2 2.86 k ? r 2 /r 1 resistance ratio 17 21 26 f t transition frequency (v o =10v, i o =5ma, f=100mhz) -- - 250 --- mhz  sot-23 suggested solder pad layout .079 2.000 in ch es mm . 031 .800 .035 .900 . 037 .950 .037 .950 *marking: e32 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. pnp digital transistor DTA123JCA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
2012-0 willas electronic corp. pnp digital transistor DTA123JCA


▲Up To Search▲   

 
Price & Availability of DTA123JCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X